Part Number Hot Search : 
KG9501 SLA50 M74HC3 05100 SV153 ZMD31010 MBR1040F 43650
Product Description
Full Text Search
 

To Download D10SC6MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
Dual
D10SC6MR
60V 10A
FEATURES *oe Tj150*Z *oe PRRSM avalanche guaranteed *oe Fully Isolated Molding APPLICATION
*oeSwitching
OUTLINE DIMENSIONS
Case : ITO-220 Unit : mm
power supply *oe DC/DC converter *oe Home Appliances, Office Equipment *oe Telecommunication
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings nit U Storage Temperature Tstg -40*150 Z * Operating Junction Temperature Tj 150 *Z V RM Maximum Reverse Voltage 60 V Repetitive Peak Surge Reverse Voltage 0.5ms, duty 1/40 V Pulse width RRSM 65 V Average Rectified Forward Current wave, R-load, Rating for each diode Io/2, Tc= I 50Hz sine O 10 A IFSM Peak Surge Forward Current 50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=1 100 A Repetitive Peak Surge Reverse Power 10Es, Rating of per diode, Tj= 25*Z P Pulse width RRSM 330 W Dielectric Strength VdisTerminals to case, AC 1 minute 1.5 kV Mounting Torque (Recommended torque* 0.3Nm) F TOR 0.5 Nm *oeElectrical Characteristics Tc=25*Z Item Symbol Conditions Ratings nit U Forward Voltage V I=5A, FF Pulse measurement, Rating Max.0.58 of per diode V IR V=V M, Reverse Current R R Pulse measurement, Rating of per diode Max.4.5 mA Junction Capacitance Cj f=1MHz, V Rating of per diode Typ.200pF R =10V, Thermal Resistance AEjcunction to case j Max.3.3 Z/W * AEcf ase to heatsink, Mounting torque=0.5Nm c Max.1.5
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D10SC6MR
Forward Voltage
10
Forward Current IF [A]
1
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] Tc=25C [TYP]
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D10SC6MR
Junction Capacitance
f=1MHz Tc=25C TYP per diode
1000
Junction Capacitance Cj [pF]
100
0.1
1
10
Reverse Voltage VR [V]
D10SC6MR
1000
Reverse Current
Tc=150C [MAX]
100
Tc=150C [TYP]
Tc=125C [TYP]
Reverse Current IR [mA]
10
Tc=100C [TYP]
Tc=75C [TYP] 1
0.1
Pulse measurement per diode
0.01
0
10
20
30
40
50
60
Reverse Voltage VR [V]
D10SC6MR
30
Reverse Power Dissipation
DC D=0.05 0.1 0.2
Reverse Power Dissipation PR [W]
25
20
0.3
15
0.5
10 SIN 5 0.8
0
0
10
20
30
40
50
60
70
Reverse Voltage VR [V]
Tj = 150C
0 VR tp D=tp /T T
D10SC6MR
10
Forward Power Dissipation
DC D=0.8
Forward Power Dissipation PF [W]
8 0.3
0.5 SIN 0.2
6 0.05 4
0.1
2
0
0
2
4
6
8
10
12
14
16
Average Rectified Forward Current IO [A]
Tj = 150C IO 0 tp D=tp /T T
D10SC6MR
20
Derating Curve
Average Rectified Forward Current IO [A]
DC 15 D=0.8
0.5 10 SIN 0.3 0.2 5 0.1 0.05
0
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = 30V 0 0
IO
VR tp D=tp /T T
D10SC6MR
20
Derating Curve
Average Rectified Forward Current IO [A]
DC 15 D=0.8
0.5 10 SIN 0.3 0.2 5 0.1 0.05
0
0
20
40
60
80
100
120
140
160
Heatsink Temperature Tf [C]
VR = 30V 0 0
IO
VR tp D=tp /T T
D10SC6MR
200
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
Peak Surge Forward Current IFSM [A]
150
non-repetitive, sine wave, Tj=125C before surge current is applied
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SBD
120
Repetitive Surge Reverse Power Derating Curve
100
PRRSM Derating [%]
80
60
40
20
0
0
50
100
150
Junction Temperature Tj [C]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP
SBD
10
Repetitive Surge Reverse Power Capability
PRRSM p) / PRRSM p=10s) Ratio (t (t
1
0.1
1
10
100
Pulse Width t p [s]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP


▲Up To Search▲   

 
Price & Availability of D10SC6MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X